Part Number Hot Search : 
AR340S29 3244AP CLL4735A 754607 Q8008DH4 MAJ160 MMBZ5237 74LS15
Product Description
Full Text Search
 

To Download 2SB1481 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1481
DESCRIPTION *With TO-220F package *Complement to type 2SD2241 *High DC current gain. *Low saturation voltage. *DARLINGTON APPLICATIONS *For power amplifier applications PINNING
PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25 PC Collector dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 2 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE -100 -100 -5 4 6 25 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Diode forward voltage CONDITIONS IC=-10mA; IB=0 IC=-3A ; IB=-6mA IC=-3A ; IB=-6mA VCB=-100V;IE=0 VEB=-5V;IC=0 IC=-1.5A ; VCE=-2V IC=-3A ; VCE=-2V IC=1A ; IB=0 2000 1000 MIN -100
2SB1481
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 VECO
TYP.
MAX
UNIT V
-1.5 -2.0 -2 -2.5
V V A mA
2.0
V
ton tstg tf
Turn-on time Storage time Fall time IB1=-IB2=-6mA VCC@-30V; RL=10A
0.15 0.80 0.40
s s s
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1481
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1481

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X